Part Number Hot Search : 
IRFP4568 2415S TTINY BP51L12 101GAA C1H10 C1H10 SP813
Product Description
Full Text Search
 

To Download 225RLS050M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RLS
FEATURES
+85C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
For timing applications
I Alternative to Tantalum Capacitors I Low Leakage Current I Capacitance Range: .1 F to 1,000 F SPECIFICATIONS
I Voltage Range: 10 WVDC to 50 WVDC I Solvent Tolerant End Seals Standard
Aluminum Electrolytic
Capacitance Tolerance
20% at 120Hz, 25C
Operating Temperature Range Dissipation Factor 120Hz, 25C WVDC tan WVDC Impedance Ratio (Max.) 120Hz -25C/25C -40C/25C WVDC Leakage Current Time 10
.2
-40C to +85C 16
.16
25
.14
35
.12
50
.10
10
3 6
16
2 4
25
2 4
35
2 3
50
2 3
50 WVDC 2 minutes
.002CV or .4A whichever is greater
2,000 hours, at 85C with rated voltage
Load Life
Capacitance change Dissipation factor Leakage current
20% of initial measured value 200% of initial specified value initial specified value 1,000 hours at + 85C with no voltage applied. Units will meet load life specification Frequency (Hz) Temperature (C)
10K 1.65 1.48 1.35 1.25 100K 1.7 1.53 1.38 1.28 +85 1.0 1.0 1.0 1.0 +70 1.3 1.3 1.3 1.3 +60 1.5 1.5 1.5 1.5 +45 1.8 1.8 1.8 1.8
Shelf Life
Capacitance (F)
50 0.8 0.8 0.8 0.8
120 1.0 1.0 1.0 1.0
400 1.3 1.23 1.16 1.11
Ripple Current Multipliers
C 10 10 < C 100 100 < C 1000 C > 1000
1K 1.45 1.36 1.25 1.17
SPECIAL ORDER OPTIONS
*
Special tolerances: 10% (K), -10% + 30% (Q)
(See pages 33 thru 37)
*
Tape and Reel/Ammo-Pack
*
Cut, Formed, Cut and Formed, and Snap In Leads
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
87
RLS
+ 85C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
PHYSICAL DIMENSIONS
(F) 0.1
WVDC (SV)
10 (13)
16 (20)
25 (32)
35 (44)
50 (63) 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11
0.15 0.22 0.33 0.47 0.68 1 1.5 2.2 3.3 4.7 6.8 10 15 22 33 47 68 100 150 220 330 470 1000 8x11.5 10x12.5 10x16 12.5x20 6.3x11 5x11 5x11 5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 8x11.5 10x12.5 10x16 10x20 6.3x11 8x11.5 10x12.5 10x16 10x20 12.5x20 5x11 5x11 5x11 6.3x11 6.3x11
5x11 6.3x11 6.3x11 8x11.5 8x11.5 10x12.5 10x16 10x20 12.5x20
Convert to inches, divide by 25.4
DxL(mm)
L
PVC SLEEVE
L
15.0 MIN
LEAD INFORMATION VS. CASE DIAMETER D 5.0 2.0 0.5 0.5 6.3 2.5 0.5 0.5 8.0 3.5 0.6 0.5 10.0 5.0 0.6 0.5 12.5 5.0 0.6 0.8 S
L
L
d
L L
S1
d B
+
L1
19.0 MIN
L L L L L L
D1
NOTE: Case Vent is standard on all diameter 8.0mm
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
88
L
D8.0, L1= L+1.0 Max. D>8.0, L1= L+1.5 Max. D1= D+B Max. S1= S.05mm Max.
RLS
+ 85C Low Leakage Radial Lead Aluminum Electrolytic Capacitors
STANDARD PART LISTING
Capacitance (F)
WVDC
PART NUMBER
Maximum ESR 120Hz,+25C 1657.86 1105.243 753.575 502.383 352.737 243.804 165.786 110.524 75.357 50.238 35.274 24.380 19.894 16.579 13.263 11.052 12.057 10.550 9.043 7.536 8.038 6.029 5.024 7.055 5.644 4.938
Maximum RMS Dimensions Ripple Current DxL (mA) (mm) 120Hz,+85C 6 7 8 9 10 10 19 28 33 38 50 63 57 80 70 110 75 81 100 140 95 120 170 105 125 136 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 5x11 6.3x11 5x11 5x11 5x11 8x11 6.3x11 5x11 5x11 6.3x11 6.3x11.5 5x11 6.3x11 8x11.5 5x11 6.3x11 6.3x11
Capacitance (F)
WVDC
PART NUMBER
Maximum ESR 120Hz,+25C 3.527 3.901 2.926 2.438 3.316 2.653 2.321 1.989 1.658 1.768 1.547 1.326 1.105 1.507 1.206 1.055 0.904 0.754 1.005 0.804 0.703 0.603 0.705 0.564 0.332
Maximum RMS Ripple Current (mA) 120Hz,+85C 230 150 200 295 160 212 220 255 400 255 265 295 450 274 322 375 442 550 355 425 500 595 460 505 805
Dimensions DxL (mm) 8x11.5 6.3x11 8x11.5 10x12.5 6.3x11 8x11.5 8x11.5 10x12.5 10x16 8x11.5 10x12.5 10x16 10x20 8x11.5 10x12.5 10x16 10x20 12.5x20 10x12.5 10x16 10x20 12.5x20 10x16 10x20 12.5x20
0.1 0.15 0.22 0.33 0.47 0.68 1.0 1.5 2.2 3.3 4.7 6.8 10 10 15 15 22 22 22 22 33 33 33 47 47 47
50 50 50 50 50 50 50 50 50 50 50 50 35 50 35 50 16 25 35 50 16 35 50 10 16 25
104RLS050M 154RLS050M 224RLS050M 334RLS050M 474RLS050M 684RLS050M 105RLS050M 155RLS050M 225RLS050M 335RLS050M 475RLS050M 685RLS050M 106RLS035M 106RLS050M 156RLS035M 156RLS050M 226RLS016M 226RLS025M 226RLS035M 226RLS050M 336RLS016M 336RLS035M 336RLS050M 476RLS010M 476RLS016M 476RLS025M
47 68 68 68 100 100 100 100 100 150 150 150 150 220 220 220 220 220 330 330 330 330 470 470 1000
50 16 35 50 10 16 25 35 50 16 25 35 50 10 16 25 35 50 10 16 25 35 10 16 10
476RLS050M 686RLS016M 686RLS035M 686RLS050M 107RLS010M 107RLS016M 107RLS025M 107RLS035M 107RLS050M 157RLS016M 157RLS025M 157RLS035M 157RLS050M 227RLS010M 227RLS016M 227RLS025M 227RLS035M 227RLS050M 337RLS010M 337RLS016M 337RLS025M 337RLS035M 477RLS010M 477RLS016M 108RLS010M
Aluminum Electrolytic
(R)
3757 W. Touhy Ave., Lincolnwood, IL 60712 * (847) 675-1760 * Fax (847) 673-2850 * www.illcap.com
89


▲Up To Search▲   

 
Price & Availability of 225RLS050M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X